Part Number Hot Search : 
24204 65039 SC502 111X17X RT8011PF ECCM9 LGT672 IRFP240
Product Description
Full Text Search
 

To Download 2SD1616A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  2SD1616A 1a , 120v npn plastic-encapsulated transistor elektronische bauelemente 12-apr-2011 rev. a page 1 of 2 http://www.secosgmbh.com/ any changes of specification will not be informed individually. ? ? base ? ? emitte r collector ? ? rohs compliant product a suffix of ?-c? specifies halogen & lead-free features ? power dissipation classification of h fe (1) product-rank 2SD1616A-l 2SD1616A-k 2SD1616A-u range 135~270 200~400 300~600 absolute maximum ratings (t a = 25c unless otherwise specified) parameter symbol rating unit collector to base voltage v cbo 120 v collector to emitter voltage v ceo 60 v emitter to base voltage v ebo 6 v collector current - continuous i c 1 a collector power dissipation p c 750 mw junction, storage temperature t j , t stg 150, -55~150 c electrical characteristics (t a = 25c unless otherwise specified) parameter symbol min. typ. max. unit test condition collector to base breakdown voltage v (br)cbo 120 - - v i c =10 a, i e =0 collector to emitter breakdown voltage v (br)ceo 60 - - v i c =2ma, i b =0 emitter to base br eakdown voltage v (br)ebo 6 - - v i e =10 a, i c =0 collector cut ? off current i cbo - - 0.1 a v cb =60v, i e =0 emitter cut ? off current i ebo - - 0.1 a v eb =6v, i c =0 dc current gain h fe (1) 135 - 600 v ce =2v, i c =100ma h fe (2) 81 - - v ce =2v, i c =1a collector to emitter sa turation voltage* v ce(sat) - - 0.3 v i c =1a, i b =50ma base to emitter sa turation voltage* v be(sat) - - 1.2 v i c =1a, i b =50ma base to emitter voltage* v be 0.6 - 0.7 v v ce =2v, i c =50ma transition frequency f t 100 - - mhz v ce =2v, i c =100ma collector output capacitance c ob - - 19 pf v cb =10v, i e =0, f=1mhz turn on time t on - 0.07 - s v cc =10v, i c =100ma, i b1 =-i b2 =10ma storage time t s - 0.95 - fall time t f - 0.07 - *pulse test: pw 350 s, 2%. QQ ? emitte r ? collector ? base to-92 ref. millimeter min. max. a 4.40 4.70 b 4.30 4.70 c 12.70 - d 3.30 3.81 e 0.36 0.56 f 0.36 0.51 g 1.27 typ. h 1.10 - j 2.42 2.66 k 0.36 0.76 a c e f d g h j b
2SD1616A 1a , 120v npn plastic-encapsulated transistor elektronische bauelemente 12-apr-2011 rev. a page 2 of 2 http://www.secosgmbh.com/ any changes of specification will not be informed individually. characteristic curves


▲Up To Search▲   

 
Price & Availability of 2SD1616A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X